Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2BCD Datasheet(PDF) 12 Page - STMicroelectronics

Part # EFS2BCD
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2BCD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button EFS2BCD Datasheet HTML 6Page - STMicroelectronics EFS2BCD Datasheet HTML 7Page - STMicroelectronics EFS2BCD Datasheet HTML 8Page - STMicroelectronics EFS2BCD Datasheet HTML 9Page - STMicroelectronics EFS2BCD Datasheet HTML 10Page - STMicroelectronics EFS2BCD Datasheet HTML 11Page - STMicroelectronics EFS2BCD Datasheet HTML 12Page - STMicroelectronics EFS2BCD Datasheet HTML 13Page - STMicroelectronics EFS2BCD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
EFS
12/14
8.3. Operation on the 230V/50Hz AC mains in twin tubes configuration
The EFS STARLIGHT-KIT is also suitable for the configurations Twin tubes Starter
Note 5: Components to choose are listed in the table “RECOMMENDED COMPONENTS ACCORDING TO APPLICATION CONDITIONS”
page 5.
The only electrical diagram difference consists of the R4 resistor which needs to be changed from 1 to
2.2k
Ω. Without this modification, the starter will generate only one ignition attempt instead of 8 in case of
defective lamp; the loop 3 is removed from the algorithm described in page 9.
In the Twin Series 230V/50Hz configuration, the polarity of the two starters must be respected:
In case of no operation of starters, rotate one of the starters of 180
° on its socket.
230V / 50HZ
BALLAST
STARTER
SOCKET
FLUORESCENT
TUBE
OFF
OFF
ALIGHT
ALIGHT
Rotate of 180
°
only one starter
AC
MAINS
230V
T
U
B
E
T
U
B
E
TWIN TUBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com