Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF0805-FZ-R020ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRF0805-FZ-R020ELF
Description  CRF Series - High Power Current Sense Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF0805-FZ-R020ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRF0805-FZ-R020ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF0805-FZ-R020ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRF0805-FZ-R020ELF Datasheet HTML 3Page - Bourns Electronic Solutions CRF0805-FZ-R020ELF Datasheet HTML 4Page - Bourns Electronic Solutions CRF0805-FZ-R020ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
CRF Series - High Power Current Sense Chip Resistor
DIMENSIONS:
MM
(INCHES)
Product Dimensions
A
B
C
CC
T
C
A
B
C
CC
T
C
Dim.
CRF0805
CRF1206
CRF2010
CRF2512
0.003 ~ 0.020 Ω
0.001 Ω
0.002 ~ 0.030 Ω 0.001 ~ 0.003 Ω 0.004 ~ 0.050 Ω
0.0003 ~
0.00075 Ω
0.001 ~ 0.003 Ω 0.004 ~ 0.050 Ω
A
1.4 ± 0.10
(0.055 ± 0.004)
1.8 ± 0.10
(0.070 ± 0.004)
1.8 ± 0.10
(0.070 ± 0.004)
0.4 ± 0.20
(0.134 ± 0.008)
4.0 ± 0.10
(0.157 ± 0.004)
B
1.15 ± 0.10
(0.045 ± 0.004)
2.3 ± 0.10
(0.090 ± 0.004)
1.7 ± 0.10
(0.066 ± 0.004)
3.5 ± 0.20
(0.138 ± 0.008)
1.5 ± 0.20
(0.060 ± 0.008)
3.1 ± 0.10
(0.122 ± 0.004)
2.1 ± 0.10
(0.083 ± 0.004)
L
0.7 ± 0.10
(0.028 ± 0.004)
R = 1 & 1.5 mΩ
1.2 ± 0.10
(0.047 ± 0.004)
2 mΩ<=R<=25 mΩ
1.0 ± 0.10
(0.039 ± 0.004)
1.6 ± 0.10
(0.062 ± 0.004)
2.0 ± 0.20
(0.080 ± 0.008)
3.5 ± 0.20
(0.138 ± 0.008)
1.3 ± 0.10
(0.051 ± 0.004)
4.1 ± 0.10
(0.161 ± 0.004)
Recommended Solder Pad Layout
A
B
SENSING TRACE
Cu TRACE
L
DIMENSIONS:
MM
(INCHES)
Dim.
CRF0805
CRF1206
CRF2010
CRF2512
0.0003 Ω
0.0005 ~ 0.002 Ω
0.003 ~ 0.050 Ω
A
2.0 ± 0.10
(0.079 ± 0.004)
3.20 ± 0.20
(0.126 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
6.40 ± 0.20
(0.252 ± 0.008)
B
1.25 ± 0.10
(0.049 ± 0.004)
1.65 ± 0.20
(0.064 ± 0.008)
2.50 ± 0.20
(0.098 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
C
0.65 ± 0.20
(0.026 ± 0.008)
R = 1 & 1.5 mΩ
0.40 ± 0.20
(0.016 ± 0.008)
2 mΩ<=R<=25 mΩ
0.50 ± 0.30
(0.0197 ± 0.012)
1.50 ± 0.30
(0.060 ± 0.012)
R<=0.003 Ω
0.60 ± 0.30
(0.024 ± 0.012)
R>=0.003 Ω
2.60 ± 0.30
(0.102 ± 0.012)
2.20 ± 0.30
(0.087 ± 0.012)
0.95 ± 0.30
(0.037 ± 0.012)
T
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
1.10 ± 0.20
(0.043 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com