Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF2512-FZ-R020ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRF2512-FZ-R020ELF
Description  CRF Series - High Power Current Sense Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF2512-FZ-R020ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRF2512-FZ-R020ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF2512-FZ-R020ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRF2512-FZ-R020ELF Datasheet HTML 3Page - Bourns Electronic Solutions CRF2512-FZ-R020ELF Datasheet HTML 4Page - Bourns Electronic Solutions CRF2512-FZ-R020ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Resistance value as low as 0.0003 ohm
n
High power density
n
Inductance less than 5 nH
n
Low thermal EMF: <3 µV/°C (0805~2010);
<40 µV/°C (2512)
n
RoHS compliant*
n
AEC-Q200 compliant
Applications
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
CRF Series - High Power Current Sense Chip Resistor
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Electrical Characteristics
Model
Power
Rating
@70 ℃
(W)
Resistance
Range
(Ω)
TCR
Tolerance Insulation
Resistance
Max.
Working
Voltage
CRF0805
0.5
0.001~0.25
±50
ppm°C
±1 %
±5 %
>100 MΩ V = √(PxR)
CRF1206
1.5
0.0005~0.001
1
0.002~0.050
CRF2010
1.5
0.002~0.050
2
0.001~0.005
CRF2512
1
0.011~0.050
2
0.001~0.010
3
0.0003~0.00075
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Current Rating Thermal Derating
Ambient Temperature (°C)
70
170
100
-55
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Environmental Characteristics
Operating Temperature
-55 °C to +170 °C
Storage Conditions
Temperature
+5 °C to +35 °C
Humidity
40 % to 75 %
Moisture Sensitivity Level
1
ESD Classification (per AEC-Q200-2, HBM)
1B
How to Order
CRF 0805 - F Z - R020 E LF
Model
(CRF = Precision
Chip Resistor)
Size
0805 = 0805 (2012)
1206 = 1206 (3216)
2010 = 2010 (5025)
2512 = 2512 (6432)
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C)
• Z = ±50 PPM/°C
Resistance Value Code
(See Resistance Value Table)
• 0.001 to 0.050 Ω: “R” Represents
Decimal Point in Ω
(Example: R005 = 0.005 Ω)
• 0.0003 to 0.00075 Ω: “L” Represents
Decimal Point in mΩ
(Example: L500 = 0.0005 Ω)
Packaging
• E = 5,000 pcs./180 mm (7-inch) reel
(CRF0805 & CRF1206)
or 4,000 pcs./180 mm (7-inch) reel
(CRF2010 & CRF2512)
Termination
• LF = Tin-plated (RoHS compliant)
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
Europe: Tel: +36 88 885 877 • Email: eurocus@bourns.com
Mexico: Tel: +52 614 478 0400 • Email: mexicus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
AUTOMOTIVE
GRADE


Similar Part No. - CRF2512-FZ-R020ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRF2512-FZ-R020ELF BOURNS-CRF2512-FZ-R020ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF2512-FZ-R020ELF BOURNS-CRF2512-FZ-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRF2512-FZ-R020ELF BOURNS-CRF2512-FZ-R020ELF Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
More results

Similar Description - CRF2512-FZ-R020ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRF BOURNS-CRF Datasheet
271Kb / 2P
CRF Series - High Power Current Sense Chip Resistor
CRF2512-FX-R008ELF BOURNS-CRF2512-FX-R008ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com