Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSMF035X Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-FSMF035X
Description  MF-FSMF Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSMF035X Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-FSMF035X Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSMF035X Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSMF035X Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSMF035X Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSMF035X Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSMF035X Datasheet HTML 6Page - Bourns Electronic Solutions MF-FSMF035X Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MF-FSMF Series - PTC Resettable Fuses
Typical Time to Trip at 23 °C
0.001
0.01
0.1
1
10
100
0.1
1
10
Fault Current (Amps)
The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific
customer applications may differ from these values due to the influence of other variables.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com