Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128B Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85RS128B
Description  128K (16 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128B Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85RS128B Datasheet HTML 9Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 10Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 11Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 12Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 13Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 14Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 15Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 16Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MB85RS128B
DS501-00020-5v1-E
13
AC Test Condition
Power supply voltage
: 2.7 V to 3.6 V
Operation ambient temperature :  40 C to  85 C
Input voltage magnitude : 0.3 V to 2.7 V
Input rising time
: 5 ns
Input falling time
: 5 ns
Input judge level
: VDD/2
Output judge level
: VDD/2
AC Load Equivalent Circuit
3. Pin Capacitance
Parameter
Symbol
Conditions
Value
Unit
Min
Max
Output capacitance
CO
VDD  VIN  VOUT  0 V,
f  1 MHz, TA   25 C
10
pF
Input capacitance
CI
10
pF
30 pF
Output
3.3 V
1.2 k
0.95 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com