Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0004 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ADID-R-0004
Description  Multi-layer Chip Diplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0004 Datasheet(HTML) 2 Page - Abracon Corporation

  ADID-R-0004 Datasheet HTML 1Page - Abracon Corporation ADID-R-0004 Datasheet HTML 2Page - Abracon Corporation ADID-R-0004 Datasheet HTML 3Page - Abracon Corporation ADID-R-0004 Datasheet HTML 4Page - Abracon Corporation ADID-R-0004 Datasheet HTML 5Page - Abracon Corporation ADID-R-0004 Datasheet HTML 6Page - Abracon Corporation ADID-R-0004 Datasheet HTML 7Page - Abracon Corporation ADID-R-0004 Datasheet HTML 8Page - Abracon Corporation ADID-R-0004 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Multi-layer Chip Diplexer
ADID-R-0004
1.0 x 0.5 x 0.4 mm
RoHS Compliant
Request Samples
Check Inventory
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-19-24
For terms and conditions of sales, please visit:
www.abracon.com
Parameters
Specification
Unit
s
Notes
Center Frequency
2400-2500
5150-7125
MHz
Insertion Loss (Max)
0.50
0.90
dB
@25℃
Insertion Loss (Max)
0.65
1.10
@-
40~85℃
Absolute Attenuation
15.0 dB min. @4800~6000 MHz
15.0 dB min. @5150-7125 MHz
20.0 dB min. @7200-7500 MHz
24.0 dB min. @ 500~2400 MHz
26.0 dB min. @ 2400~2500 MHz
19.0 dB min. @ 2500~2690 MHz
9.0 dB min. @ 10300~11900 MHz
13.5 dB min. @ 11900~12490 MHz
11.5 dB min. @ 12490~14250 MHz
8.0 dB min. @ 15510~21375 MHz
dB
Isolation (Min)
24
16.5
dB
Return Loss (Min)
10
dB
@25℃
Power Capacity
2.0
W
-
Parameters
Specifications
Filter Dimension
1.0 x 0.5 x 0.4 mm
Mounting Type
SMD Mount
Parameters
Specifications
Operating Temperature
-40ºC ~ +85ºC
Storage Temperature
-10ºC ~ +45ºC
Humidity
70% R.H.
RoHS Compliant
Yes
Electrical Specifications
Environmental Specifications
Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com