Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1410107 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1410107
Description  CES-SRG-BK-4X5 - Cable sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1410107 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1410107 Datasheet HTML 1Page - PHOENIX CONTACT 1410107 Datasheet HTML 2Page - PHOENIX CONTACT 1410107 Datasheet HTML 3Page - PHOENIX CONTACT 1410107 Datasheet HTML 4Page - PHOENIX CONTACT 1410107 Datasheet HTML 5Page - PHOENIX CONTACT 1410107 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Cable sleeve
No. of conductors
4
Dimensions
Dimensional drawing
Width
19.5 mm
Height
17 mm
Length
29.5 mm
Material specifications
Material
NBR
Cable/line
External cable diameter
4x 4 mm ... 5 mm
Characteristics
Seal size
small
Design, Format
Round cable
Design, Cable seal
slotted
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP54
Ambient temperature (operation)
-40 °C ... 125 °C (static)
CES-SRG-BK-4X5 - Cable sleeve
1410107
https://www.phoenixcontact.com/us/products/1410107
Oct 28, 2025, 12:19AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com