Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA25W5
Description  QUAL TRANSILO ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W5 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA25W5 Datasheet HTML 1Page - STMicroelectronics ESDA25W5 Datasheet HTML 2Page - STMicroelectronics ESDA25W5 Datasheet HTML 3Page - STMicroelectronics ESDA25W5 Datasheet HTML 4Page - STMicroelectronics ESDA25W5 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESDA25W5
4/5
PACKAGE MECHANICAL DATA
SOT323-5L
E
c
Q1
H
b
D
A2
A
A1
ee
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.026 Typ.
H
1.8
2.4
0.071
0.094
Q1
0.1
0.4
0.004
0.016
FOOT PRINT (in millimeters)
0.3mm
1mm
1mm
0.35mm
29mm
ESDA
25
W5
ESD ARRAY
Package: SOT323-5L
Vmin
BR
ORDER CODE
Mechanical specifications
Lead plating
Tin-lead
Lead plating thickness
5
µm min.
25
µm max.
Lead material
Sn / Pb
(70% to 90% Sn)
Lead coplanarity
10
µm max.
Body material
Molded epoxy
Epoxy meets
UL94,V0
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
ESDA25W5
E25
SOT323-5L
5.4 mg.
3000
Tape & reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com