Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T02
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T02_V01 Datasheet HTML 14Page - STMicroelectronics M48T02_V01 Datasheet HTML 15Page - STMicroelectronics M48T02_V01 Datasheet HTML 16Page - STMicroelectronics M48T02_V01 Datasheet HTML 17Page - STMicroelectronics M48T02_V01 Datasheet HTML 18Page - STMicroelectronics M48T02_V01 Datasheet HTML 19Page - STMicroelectronics M48T02_V01 Datasheet HTML 20Page - STMicroelectronics M48T02_V01 Datasheet HTML 21Page - STMicroelectronics M48T02_V01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DC and AC parameters
M48T02, M48T12
18/25
Doc ID 2410 Rev 9
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Table 7.
Operating and AC measurement conditions
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 11.
AC testing load circuit
Table 8.
Capacitance
Parameter
M48T02
M48T12
Unit
Supply voltage (VCC)
4.75 to 5.5
4.5 to 5.5
V
Ambient operating temperature (TA)
0 to 70
0 to 70
°C
Load capacitance (CL)
100
100
pF
Input rise and fall times
≤ 5
≤ 5ns
Input pulse voltages
0 to 3
0 to 3
V
Input and output timing ref. voltages
1.5
1.5
V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5 V. Sampled only, not 100% tested.
2.
At 25 °C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance
-
10
pF
CIO
(3)
3.
Outputs deselected.
Input / output capacitance
-
10
pF
AI01019
5V
OUT
CL = 100pF
CL includes JIG capacitance
1.8k
Ω
DEVICE
UNDER
TEST
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com