Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T129Y Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T129Y Datasheet HTML 17Page - STMicroelectronics M48T129Y Datasheet HTML 18Page - STMicroelectronics M48T129Y Datasheet HTML 19Page - STMicroelectronics M48T129Y Datasheet HTML 20Page - STMicroelectronics M48T129Y Datasheet HTML 21Page - STMicroelectronics M48T129Y Datasheet HTML 22Page - STMicroelectronics M48T129Y Datasheet HTML 23Page - STMicroelectronics M48T129Y Datasheet HTML 24Page - STMicroelectronics M48T129Y Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
M48T129V, M48T129Y
DC and AC parameters
Doc ID 5710 Rev 5
21/28
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Table 8.
Operating and AC measurement conditions
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 13.
AC testing load circuit
Note:
Excluding open drain output pins; 50 pF for M48T129V.
Table 9.
Capacitance
Parameter
M48T129Y
M48T129V
Unit
Supply voltage (VCC)
4.5 to 5.5
3.0 to 3.6
V
Ambient operating temperature (TA)
0 to 70
0 to 70
°C
Load capacitance (CL)
100
50
pF
Input rise and fall times
≤ 5
≤ 5ns
Input pulse voltages
0 to 3
0 to 3
V
Input and output timing ref. voltages
1.5
1.5
V
AI01803C
CL = 100pF
or 50pF
CL includes JIG capacitance
650
Ω
DEVICE
UNDER
TEST
1.75V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5 V (M48T129Y) or 3.3 V (M48T129V); sampled
only, not 100% tested.
2.
At 25 °C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance
-
20
pF
CIO
(3)
3.
Outputs deselected.
Input / output capacitance
-
20
pF
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com