Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025CMC7F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41TC8025CMC7F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025CMC7F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41TC8025CMC7F Datasheet HTML 25Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 26Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 27Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 28Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 29Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 30Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 31Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 32Page - STMicroelectronics M41TC8025CMC7F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID022873 Rev 4
29/41
M41TC8025
Operation
The VLF (Voltage Low Flag) bit indicates a low voltage occurrence. At initial power-up, the
VLF bit is set to 1 and the user needs to reset it to 0 in the startup routine. The VLF bit is
automatically set and can only be reset to 0 by the user.
During operation, if VLF=1, all the register data is not guaranteed to be correct and the RTC
needs initialization.
The VDET (Voltage Detection Flag) bit indicates the status of temperature compensation. At
initial power-up, the VDET bit is set to 1 and the user needs to reset it to 0 in the startup
routine.
During operation, if VDET=1, although the timekeeping is still functional, the temperature
compensation stops and the timing accuracy is not guaranteed. The VDET bit is
automatically set and can only be reset to 0 by the user.
VLF and VDET detection occurs during the temperature compensation period
(Section 2.4.4: Temperature compensation on page 17). The worst case delay is 30
seconds for these bits to be set to 1 (longest temperature compensation period).
2.11
Application
2.11.1
Battery backup and recovery
Figure 18 gives an example of the battery backup for the M41TC8025. The diode in the
battery block is only required when using a lithium battery. The battery backup sequence
and AC characteristics are given in Figure 19 and Table 23.
Figure 18. Battery backup connection
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com