Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC08TTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC08TTR
Description  Quad dual-input and gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC08TTR Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC08TTR Datasheet HTML 1Page - STMicroelectronics M74HC08TTR Datasheet HTML 2Page - STMicroelectronics M74HC08TTR Datasheet HTML 3Page - STMicroelectronics M74HC08TTR Datasheet HTML 4Page - STMicroelectronics M74HC08TTR Datasheet HTML 5Page - STMicroelectronics M74HC08TTR Datasheet HTML 6Page - STMicroelectronics M74HC08TTR Datasheet HTML 7Page - STMicroelectronics M74HC08TTR Datasheet HTML 8Page - STMicroelectronics M74HC08TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
List of figures
M74HC08
List of figures
Figure 1: Pin connections and IEC logic symbols ......................................................................................5
Figure 2: Input and output equivalent circuit..............................................................................................6
Figure 3: Test circuit .................................................................................................................................10
Figure 4: Waveforms: propagation delay times (f = 1 MHz; 50% duty cycle)...........................................10
Figure 5: Plastic SO14 package mechanical outline ................................................................................12
Figure 6: TSSOP14 package mechanical outline .....................................................................................13
4/15
DocID001885 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com