Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2H100RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2H100RL
Description  100 V, 2 A power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100RL Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2H100RL Datasheet HTML 1Page - STMicroelectronics STPS2H100RL Datasheet HTML 2Page - STMicroelectronics STPS2H100RL Datasheet HTML 3Page - STMicroelectronics STPS2H100RL Datasheet HTML 4Page - STMicroelectronics STPS2H100RL Datasheet HTML 5Page - STMicroelectronics STPS2H100RL Datasheet HTML 6Page - STMicroelectronics STPS2H100RL Datasheet HTML 7Page - STMicroelectronics STPS2H100RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
P
(W)
F(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 1
δ = 0.5
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
2 5
50
75
100
125
150
175
T
(°C)
amb
R
= R
th(j-a)
th(j-I)
R
=100°C/W
th(j-a)
T
δ=tp/T
tp
Figure 3. Normalized avalanche power derating versus
junction temperature (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to ambient versus pulse duration
Z
/ R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
p
Single pulse
STPS2H100RL
Characteristics (curves)
DS2999 - Rev 6
page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com