Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L30UF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L30UF
Description  30 V, 2 A low drop power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L30UF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L30UF Datasheet HTML 1Page - STMicroelectronics STPS2L30UF Datasheet HTML 2Page - STMicroelectronics STPS2L30UF Datasheet HTML 3Page - STMicroelectronics STPS2L30UF Datasheet HTML 4Page - STMicroelectronics STPS2L30UF Datasheet HTML 5Page - STMicroelectronics STPS2L30UF Datasheet HTML 6Page - STMicroelectronics STPS2L30UF Datasheet HTML 7Page - STMicroelectronics STPS2L30UF Datasheet HTML 8Page - STMicroelectronics STPS2L30UF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Figure 5. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 6. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
/ R
th(j-a)
th(j-a)
Single pulse
SMA
t (s)
p
Figure 7. Relative variation of thermal impedance junction
to lead versus pulse duration (SMB Flat)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
/ R
th(j-l)
th(j-l)
Single pulse
SMB Flat
t (s)
p
Figure 8. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMA Flat, SMA Flat
Notch)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
/ R
th(j-a)
th(j-a)
Single pulse
SMA Flat / SMA Flat Notch
t (s)
p
Figure 9. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
I (mA)
R
VR(V)
Tj = 25 °C
Tj = 150 °C
Tj = 125 °C
Tj = 100 °C
Figure 10. Junction capacitance versus reverse voltage
applied (maximum values)
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
STPS2L30
Characteristics (curves)
DS1526 - Rev 8
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com