Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L30AFN Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS2L30AFN
Description  30 V, 2 A low drop power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L30AFN Datasheet(HTML) 5 Page - STMicroelectronics

  STPS2L30AFN Datasheet HTML 1Page - STMicroelectronics STPS2L30AFN Datasheet HTML 2Page - STMicroelectronics STPS2L30AFN Datasheet HTML 3Page - STMicroelectronics STPS2L30AFN Datasheet HTML 4Page - STMicroelectronics STPS2L30AFN Datasheet HTML 5Page - STMicroelectronics STPS2L30AFN Datasheet HTML 6Page - STMicroelectronics STPS2L30AFN Datasheet HTML 7Page - STMicroelectronics STPS2L30AFN Datasheet HTML 8Page - STMicroelectronics STPS2L30AFN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 11. Forward voltage drop versus forward current
(high level)
0.1
1.0
10.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Tj=25°C
(maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(maximum values)
Tj=125°C
Tj=125°C
(typical values)
IF(A)
VF(V)
Figure 12. Forward voltage drop versus forward current
(low level)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Tj=25°C
(maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(maximum values)
Tj=125°C
Tj=125°C
(typical values)
IF(A)
VF(V)
Figure 13. Thermal resistance junction to ambient versus
copper surface under each lead (SMA)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMA
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm
Figure 14. Thermal resistance junction to ambient versus
copper surface under each lead (SMA Flat, SMA Flat
Notch)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm
SMA Flat Notch
SMA Flat
Figure 15. Thermal resistance junction to ambient versus copper surface under each lead (SMB Flat)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCu(cm²)
Rth(j-a) (°C/W)
SMB flat
Epoxy printed circuit board FR4, e
Cu = 35 µm
STPS2L30
Characteristics (curves)
DS1526 - Rev 8
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com