Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L40AFN Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L40AFN
Description  40 V, 2 A low drop power Schottky rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40AFN Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L40AFN Datasheet HTML 1Page - STMicroelectronics STPS2L40AFN Datasheet HTML 2Page - STMicroelectronics STPS2L40AFN Datasheet HTML 3Page - STMicroelectronics STPS2L40AFN Datasheet HTML 4Page - STMicroelectronics STPS2L40AFN Datasheet HTML 5Page - STMicroelectronics STPS2L40AFN Datasheet HTML 6Page - STMicroelectronics STPS2L40AFN Datasheet HTML 7Page - STMicroelectronics STPS2L40AFN Datasheet HTML 8Page - STMicroelectronics STPS2L40AFN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2 0.4
0.6
0.8 1.0
1.2
1.4 1.6
1.8 2.0
2.2
2.4 2.6
2.8
P
(W)
F(AV)
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.05
δ = 0.5
δ = 0.1
δ = 0.2
Figure 2. Average forward current versus ambient
temperature (δ = 0.5) SMB
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
SMB
th(j-a
th(j-l
)
)
=R
R
R
Tamb (°C)
=100°C/W
)
th(j-a
tp
T
δ=tp/T
Figure 3. Average forward current versus ambient
temperature (δ = 0.5, SMB Flat)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
I
(A)
F(AV)
SMB Flat
th(j-a
th(j-l
)
)
=R
R
R
Tamb (°C)
=100°C/W
)
th(j-a
tp
T
δ=tp/T
Figure 4. Average forward current versus ambient
temperature (δ = 0.5, SMA Flat, SMA Flat Notch)
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
th(j-a
th(j-l
)
)
=R
R
R
Tamb (°C)
=200°C/W
)
th(j-a
tp
T
δ=tp/T
SMA Flat
SMA Flat Notch
STPS2L40
Characteristics (curves)
DS2146 - Rev 6
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com