Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3DB-AHKB Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # R3DB-AHKB
Description  This precision optical performance oval LED is specifically designed for passenger information signs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R3DB-AHKB Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  R3DB-AHKB Datasheet HTML 1Page - Everlight Electronics Co., Ltd R3DB-AHKB Datasheet HTML 2Page - Everlight Electronics Co., Ltd R3DB-AHKB Datasheet HTML 3Page - Everlight Electronics Co., Ltd R3DB-AHKB Datasheet HTML 4Page - Everlight Electronics Co., Ltd R3DB-AHKB Datasheet HTML 5Page - Everlight Electronics Co., Ltd R3DB-AHKB Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
3474/R3DB-AHKB/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 2 of 6
Device Number : DLE-347-013
Prepared date: 08-16-2006
Prepared by: Grace Shen
Package Dimensions
Stopper Type
No Stopper Type
Notes:
․Other dimensions are in millimeters, tolerance is 0.25mm except being specified.
․Protruded resin under flange is 1.5mm Max LED.
․Bare copper alloy is exposed at tie-bar portion after cutting.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com