Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0059-T Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFII-SW-0059-T
Description  SMD 1237 MHZ SAW FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0059-T Datasheet(HTML) 2 Page - Abracon Corporation

  AFII-SW-0059-T Datasheet HTML 1Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 2Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 3Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 4Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 5Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 6Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 7Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 8Page - Abracon Corporation AFII-SW-0059-T Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-13-25
For terms and conditions of sales, please visit:
www.abracon.com
SMD 1237 MHZ SAW FILTER
AFII-SW-0059
1.4 x 1.1 x 0.7mm
RoHS Compliant
MSL Level = 3
Check Inventory
Request Samples
Electrical Specification
Notes: (1) Averaged values of linear S-Parameters over any 18 MHz at +25ºC
(2) Averaged values of linear S-Parameters over any 5 MHz at +25ºC
(3) A matching network is unnecessary (refer to the Measurement Circuits section).
Mechanical Specification
Environmental Specification
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency(fc)
-
1237
-
MHz
-
VSWR
-
1.8
2.0
1197 ~ 1277MHz
Insertion Loss (1)
-
1.9
2.6
dB
1197 ~ 1277MHz
Amplitude Ripple
-
1.0
1.5
1197 ~ 1277MHz
Group Delay (1)
-
6.3
8.2
ns
1197 ~ 1277MHz
Group Delay Ripple (1)
-
0.05
0.4
ns
1197 ~ 1277MHz
Attenuation (2)
(Reference level from 0 dB)
Amplitude Ripple
32
36
-
dB
DC ~937 MHz
25
28
-
937 ~1107 MHz
20
25
-
1137 MHz
30
34
-
1417 ~1657 MHz
22
25
-
1657 ~2000 MHz
25
28
-
2000 ~3000 MHz
Source Impedance (3)
(single ended)
-
50
-
Ω
-
Load Impedance (3)
(single ended)
-
50
-
Ω
-
RF Power Dissipation
-
10
-
dBm
-
Parameters
Specifications
Filter Dimension
1.4 x 1.1 x 0.7mm
Mounting Type
Surface Mount
Parameters
Specifications
Operating Temperature Range
-40ºC ~ +85ºC
Storage Temperature Range
-40ºC ~ +85ºC
ESD (HBM)
>100 V
ESD (CDM)
>100 V
MSL level
3
RoHS Compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com