Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569RTWRG4 Datasheet(PDF) 81 Page - Texas Instruments

Part # LP5569RTWRG4
Description  LP5569 Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5569RTWRG4 Datasheet(HTML) 81 Page - Texas Instruments

Back Button LP5569RTWRG4 Datasheet HTML 77Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 78Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 79Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 80Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 81Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 82Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 83Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 84Page - Texas Instruments LP5569RTWRG4 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
LED0
VOUT
COUT1
1 µF
MCU
CIN1
1 µF
2.5 V to 5.5 V
VIN
C1+ C1Å C2+ C2Å
R1
R2 R3
Copyright © 2016, Texas Instruments Incorporated
C2
1 µF
C1
1 µF
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
V1P8
1.8 V
ADDR
AGND
SCL
SDA
CLK
GPIO/TRIG/INT
CIN2
1 µF
VIN
C1+ C1Å C2+ C2Å
EN/PWM
C4
1 µF
C3
1 µF
V1P8
1.8 V
VIN
PGND
LED0
VOUT
COUT2
1 µF
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
PGND
ADDR
AGND
SCL
SDA
CLK
GPIO/TRIG/INT
EN/PWM
VIN
VIN
81
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 122. Dual LP5569 Application Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com