Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DYZPR Datasheet(PDF) 22 Page - Texas Instruments

Part # LSF0204DYZPR
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DYZPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button LSF0204DYZPR Datasheet HTML 18Page - Texas Instruments LSF0204DYZPR Datasheet HTML 19Page - Texas Instruments LSF0204DYZPR Datasheet HTML 20Page - Texas Instruments LSF0204DYZPR Datasheet HTML 21Page - Texas Instruments LSF0204DYZPR Datasheet HTML 22Page - Texas Instruments LSF0204DYZPR Datasheet HTML 23Page - Texas Instruments LSF0204DYZPR Datasheet HTML 24Page - Texas Instruments LSF0204DYZPR Datasheet HTML 25Page - Texas Instruments LSF0204DYZPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.15
1.5
TYP
1 TYP
0.5
TYP
0.5 TYP
12X
0.25
0.21
B
E
A
D
DSBGA - 0.5 mm max height
YZP0012-C01
DIE SIZE BALL GRID ARRAY
4224761/A 01/2019
D: Max = 1.972 mm, Min = 1.912 mm
E: Max = 1.472 mm, Min = 1.412 mm
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
LSF0204/LSF0204D
BALL A3
INDEX
AREA
SEATING PLANE
BALL TYP
0.05 C
1
2
3
0.015
C A B
SYMM
SYMM
D
C
B
A
SCALE 8.000
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com