Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3232CPWRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # MAX3232CPWRG4
Description  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3232CPWRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MAX3232CPWRG4 Datasheet HTML 8Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 9Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 10Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 11Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 12Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 13Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 14Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 15Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
9.2.1 Design Requirements
• Recommended VCC is 3.3 V or 5 V. 3 V to 5.5 V is also possible
• Maximum recommended bit rate is 250 kbit/s.
Table 9-1. VCC vs Capacitor Values
VCC
C1
C2, C3, C4
3.3 V ± 0.3 V
0.1 µF
0.1 µF
5 V ± 0.5 V
0.047 µF
0.33 µF
3 V to 5.5 V
0.1 µF
0.47 µF
9.2.2 Detailed Design Procedure
• All DIN, FORCEOFF and FORCEON inputs must be connected to valid low or high logic levels.
• Select capacitor values based on VCC level for best performance.
9.2.3 Application Curves
±9
±8
±7
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
Time ( s)
DIN
DOUT to RIN
ROUT
C001
VCC = 3.3 V
Figure 9-2. 250 kbit/s Driver to Receiver Loopback Timing Waveform
10 Power Supply Recommendations
VCC should be between 3 V and 5.5 V. Charge pump capacitors should be chosen using table in Typical
Operating Circuit and Capacitor Values.
MAX3232
SLLS410O – JANUARY 2000 – REVISED JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com