Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38692MP-3.3/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LP38692MP-3.3/NOPB
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38692MP-3.3/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP38692MP-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 19Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 20Page - Texas Instruments LP38692MP-3.3/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
0402, 6.3V, X5R
0603, 10V, X5R
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
20%
40%
60%
80%
100%
17
LP38690, LP38692
www.ti.com
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
8.2.2.2.2
Output Capacitor
The LP38690 and LP38692 are designed specifically to work with very small ceramic output capacitors. A 1-
μF
ceramic capacitor (temperature types Z5U, Y5V or X7R/X5R) with ESR between 5 m
Ω to 500 mΩ, is suitable in
the LP38690 or LP38692 application circuit.
For this device the output capacitor should be connected between the OUT pin and GND pin. It is also possible
to use tantalum or film capacitors at the device output, but these are not as attractive for reasons of size and cost
(see Capacitor Characteristics). The output capacitor must meet the requirement for the minimum value of
capacitance and also have an ESR value that is within the range 5 m
Ω to 500 mΩ for stability.
8.2.2.2.3
No Load Stability
The LP38690 and LP38692 remain stable and in regulation with no external load. This is an important
consideration in some circuits, for example CMOS RAM keep-alive applications.
8.2.2.2.4
Capacitor Characteristics
The LP38690 and LP38692 are designed to work with ceramic capacitors on the output to take advantage of the
benefits they offer. For capacitance values in the range of 0.47
μF to 4.7 μF, ceramic capacitors are the smallest,
least expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 1-
μF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR
requirement for stability for the LP38690 or LP38692.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type.
In particular, the output capacitor selection should take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values also shows some decrease over time due to aging.
The capacitor parameters are also dependent on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, Figure 32 shows a typical graph comparing different capacitor
case sizes in a capacitance vs DC bias plot. As shown in Figure 32, increasing the DC Bias condition can result
in the capacitance value falling below the minimum value given in the recommended capacitor specifications
table (0.7
μF in this case). Note that the graph shows the capacitance out of spec for the 0402 case size
capacitor at higher bias voltages. It is therefore recommended that the capacitor manufacturers’ specifications for
the nominal value capacitor are consulted for all conditions, as some capacitor sizes (for example, 0402) may not
be suitable in the actual application.
Figure 32. Typical Variation In Capacitance vs DC Bias
The ceramic capacitor’s value varies with temperature. The capacitor type X7R, which operates over a
temperature range of –55°C to 125°C, only varies the capacitance to within ±15%. The capacitor type X5R has a
similar tolerance over a reduced temperature range of –55°C to 85°C. Many large value ceramic capacitors,
larger than 1
μF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by
more than 50% as the temperature varies from 25°C to 85°C. Therefore, X7R and X5R types are recommended
over Z5U and Y5V in applications where the ambient temperature changes significantly above or below 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com