Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3232CPWRG4.B Datasheet(PDF) 2 Page - Texas Instruments

Part # MAX3232CPWRG4.B
Description  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3232CPWRG4.B Datasheet(HTML) 2 Page - Texas Instruments

  MAX3232CPWRG4.B Datasheet HTML 1Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 2Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 3Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 4Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 5Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 6Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 7Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 8Page - Texas Instruments MAX3232CPWRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics — Device............................ 5
6.6 Electrical Characteristics — Driver............................. 5
6.7 Electrical Characteristics — Receiver.........................6
6.8 Switching Characteristics............................................6
6.9 Typical Characteristics................................................ 7
7 Parameter Measurement Information............................ 8
8 Detailed Description........................................................9
8.1 Overview..................................................................... 9
8.2 Functional Block Diagram........................................... 9
8.3 Feature Description.....................................................9
8.4 Device Functional Modes..........................................10
9 Application and Implementation.................................. 11
9.1 Application Information..............................................11
9.2 Standard Application................................................. 11
10 Power Supply Recommendations..............................12
11 Layout........................................................................... 13
11.1 Layout Guidelines................................................... 13
11.2 Layout Example...................................................... 13
12 Device and Documentation Support..........................14
12.1 Receiving Notification of Documentation Updates..14
12.2 Support Resources................................................. 14
12.3 Trademarks.............................................................14
12.4 Electrostatic Discharge Caution..............................14
12.5 Glossary..................................................................14
13 Mechanical, Packaging, and Orderable
Information.................................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (June 2017) to Revision O (June 2021)
Page
• Added Applications: Industrial PCs, Wired networking, and Data center and enterprise computing..................1
• Changed the thermal parameter values for D, DB and PW packages in the Thermal Information table............5
Changes from Revision M (April 2017) to Revision N (June 2017)
Page
• Changed the Thermal Information table ............................................................................................................ 5
Changes from Revision L (March 2017) to Revision M (April 2017)
Page
• Changed From: "±" To: "to" in the VCC column of Table 9-1 ............................................................................ 12
Changes from Revision K (January 2015) to Revision L (March 2017)
Page
• Changed pin 16 (VCC) in Typical Operating Circuit and Capacitor Values .......................................................11
Changes from Revision J (January 2014) to Revision K (January 2015)
Page
• Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information
table, Typical Characteristics, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
Changes from Revision I (January 2004) to Revision J (January 2014)
Page
• Updated document to new TI data sheet format - no specification changes...................................................... 1
• Deleted Ordering Information table.....................................................................................................................1
MAX3232
SLLS410O – JANUARY 2000 – REVISED JUNE 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com