Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1S3RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA6V1S3RL
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1S3RL Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA6V1S3RL Datasheet HTML 1Page - STMicroelectronics ESDA6V1S3RL Datasheet HTML 2Page - STMicroelectronics ESDA6V1S3RL Datasheet HTML 3Page - STMicroelectronics ESDA6V1S3RL Datasheet HTML 4Page - STMicroelectronics ESDA6V1S3RL Datasheet HTML 5Page - STMicroelectronics ESDA6V1S3RL Datasheet HTML 6Page - STMicroelectronics ESDA6V1S3RL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
D1
D2
Dn
0to 5 V
0to 5 V
0to 5 V
APPLICATION EXAMPLE :
1 - Protection of logic-level signals.
(ex : centronics junction)
A1
+/- 2.5 V
A2
+/- 2. 5 V
A16
+/- 2.5 V
2 - Protection of symmetrical signals.
Note : Capacitancevalue between any I/O pin and
Ground is divided by 2.
Implementing its ASD
TM technology,SGS-Thomson
has developed a monolithic TRANSIL diode array,
which is a reliable protection against electrostatic
overloads for computer I/O ports, modems, GSM
handsetsand accessories or other similar systems
with data outputs. The ESDAxxSx integrates 18
TRANSIL diodes in a compact package that can be
easily mounted close to the circuitry to be
protected,
eliminating
the
assembly
costs
associated with the use of discrete diodes, and
also increasing system reliability.
Each TRANSIL has a breakdown voltage between
6.2V (minimum) and 7.2V (maximum). When the
input voltage is lower than the breakdown voltage,
the diodes present a high impedance to ground.
For short overvoltage pulses, the fast-acting
diodes provide an almost instantaneousresponse,
clamping the voltage to a safe level.
ESDA6V1S3 / ESDA6V2S6
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com