Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F031C4Y7 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F031C4Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C4Y7 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F031C4Y7 Datasheet HTML 40Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 41Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 42Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 43Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 44Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 45Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 46Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 47Page - STMicroelectronics STM32F031C4Y7 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
Electrical characteristics
STM32F031x4 STM32F031x6
44/106
DocID025743 Rev 6
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled fPCLK = fHCLK
The parameters given in Table 23Table 23 to Table 27 are derived from tests performed
under ambient temperature and supply voltage conditions summarized in Table 18: General
operating conditions.
Table 23. Typical and maximum current consumption from VDD at 3.6 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C
105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
code
executing
from Flash
memory
HSE
bypass,
PLL on
48 MHz 18.4
20.0
20.1
20.4
11.4
12.5
12.5
12.6
mA
32 MHz 12.4
13.2
13.2
13.8
7.9
8.3
8.5
8.6
24 MHz 9.9
10.7
10.7
11.0
6.2
6.8
7.0
7.0
HSE
bypass,
PLL off
8 MHz
3.3
3.6
3.8
3.9
2.2
2.6
2.6
2.6
1 MHz
0.8
1.1
1.1
1.1
0.7
0.9
0.9
0.9
HSI clock,
PLL on
48 MHz 18.9
20.9
21.1
21.5
11.7
12.3
12.9
13.1
32 MHz 12.8
13.7
14.2
14.8
8.0
8.7
9.1
9.1
24 MHz 9.7
10.4
11.2
11.3
6.1
6.5
6.7
6.9
HSI clock,
PLL off
8 MHz
3.5
4.0
4.0
4.1
2.4
2.6
2.7
2.7
Supply
current in
Run mode,
code
executing
from RAM
HSE
bypass,
PLL on
48 MHz 17.3 19.7(2)
19.8
20.0(2) 10.3 11.2(2)
11.3
11.7(2)
32 MHz 11.2
12.5
12.7
12.7
6.7
7.3
7.6
7.6
24 MHz 8.9
10.0
10.1
10.2
5.1
5.5
5.8
5.9
HSE
bypass,
PLL off
8 MHz
2.8
3.1
3.3
3.4
1.7
2.0
2.1
2.1
1 MHz
0.3
0.6
0.6
1.3
0.2
0.5
0.8
0.9
HSI clock,
PLL on
48 MHz 17.4
19.7
20.0
20.2
10.4
11.2
11.3
11.8
32 MHz 11.8
12.8
13.1
13.3
6.8
7.4
7.7
7.9
24 MHz 9.0
10.0
10.1
10.2
5.2
5.7
6.0
6.0
HSI clock,
PLL off
8 MHz
3.0
3.2
3.5
3.6
1.8
2.0
2.2
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com