Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1L Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA6V1L
Description  DUAL TRANSIL ARRAY FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1L Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA6V1L Datasheet HTML 1Page - STMicroelectronics ESDA6V1L Datasheet HTML 2Page - STMicroelectronics ESDA6V1L Datasheet HTML 3Page - STMicroelectronics ESDA6V1L Datasheet HTML 4Page - STMicroelectronics ESDA6V1L Datasheet HTML 5Page - STMicroelectronics ESDA6V1L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ESDAxxL
5/6
ESD
sensitive
device
GND
2 * ESDAXXL
I/O
I/O
I/O
I/O
1. ESD protection by the ESDAxxL
Electrostatic discharge (ESD) is a major cause of
failure in electronic systems.
Transient Voltage Suppressors (TVS) are an ideal
choice for ESD protection. They are capable of
clamping the incoming transient to a low enough
level
such
that
damage
to
the
protected
semiconductor is prevented.
Surface mount TVS arrays offer the best choice for
minimal lead inductance.
They serve as parallel protection elements,
connected between the signal line to ground. As
the transient rises above the operating voltage of
the device, the TVS array becomes a low
impedance path diverting the transient current to
ground.
The ESDAxxL array is the ideal board level
protection
of
ESD
sensitive
semiconductor
components.
The tiny SOT23 package allows design flexibility in
the design of high density boards where the space
saving is at a premium. This enables to shorten the
routing and contributes to hardening againt ESD.
2. Circuit Board Layout
Circuit board layout is a critical design step in the
suppression of ESD induced transients. The
following guidelines are recommended :
n
The ESDAxxL should be placed as close as pos-
sible to the input terminals or connectors.
n
The path length between the ESD suppressor
and the protected line should be minimized
n
All conductive loops, including power and
ground loops should be minimized
n
The ESD transient return path to ground should
be kept as short as possible.
n
Ground planes should be used whenever possi-
ble.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com