Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM1600B Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESM1600B
Description  QUAD COMPARATOR INTERFACE CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM1600B Datasheet(HTML) 3 Page - STMicroelectronics

  ESM1600B Datasheet HTML 1Page - STMicroelectronics ESM1600B Datasheet HTML 2Page - STMicroelectronics ESM1600B Datasheet HTML 3Page - STMicroelectronics ESM1600B Datasheet HTML 4Page - STMicroelectronics ESM1600B Datasheet HTML 5Page - STMicroelectronics ESM1600B Datasheet HTML 6Page - STMicroelectronics ESM1600B Datasheet HTML 7Page - STMicroelectronics ESM1600B Datasheet HTML 8Page - STMicroelectronics ESM1600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
VCC = +35V, -25
oC ≤ Tamb ≤ +85oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Typ.
Fig.
VI
+
VI
–
Input Voltage Range - Note 1
Non-inverting Input
Inverting Input
0
2
33
33
V
VC
Input Control Voltage (2V < VCM < 33V) - Note 2
150
500
mV
1
IIB
Input Bias Current - Note 3
1
5
µA
ISC
Short-circuit Output Current
VCC = +10 to +35 V
6
25
mA
2
VCC–VO
Output Saturation Voltage (high level) - (IO = –10mA)
1
1.5
V
3
IOL
IOH
Output Off-state Current
(VI
+ = 2V, VI – = 33V)
1
5
µA
4
ICC
Supply Current
RL =
∞ for the 4 Comparators
RL Common for the 4 Comparators
3
9
5
12
mA
5
SVO
Output Slew-rate (RL =3k
Ω,Tamb = +25oC)
1
V/
µs
VF
Input Protective Diode Forward Voltage
(I = 20mA, Tamb = +25
oC)
1.5
V
–
Energy of Pulses against which Circuit Output is Protected
(Tamb = +25
oC) - Note 4
20
mJ
–
Pulsed Current Applied to Protective Output Diodes
(Tamb = +25
oC) - Note 5
0.4
A6
No tes : 1. When negative input is biased between 0 and 2 volts output is always low.
2. Comparator hysteresis voltage on positive input on the one hand and negative input on the other hand equals sum of input control
voltages VC1 +VC2 or VC3 +VC4.
3. Input current flows out of the circuit owing to PNP input stage. This current is constant and independent of output level. So no load
change is transmitted to inputs.
4. By definition, a circuit is immunized against powerful signals when no durable character istic change occurs after the application of
these signals and when the circuit has not been destroyed.
In industrial surroundings, parasitic signals contain usually high voltage (over 200 V) AC harmonics having variable impedance of
500
Ω to 10kΩ.
The power dissipation of thesesignals is divided between clamping diodes and the VCC. Simulationis used to determine the maximum
energy level. The injected current value cannot in any case exceed 3A.
5. Output protective diodes are tested individually by means of positive and negative dischar ge voltages of a capacitor. The negative
discharge control occurs through a single diode. During positive discharge, due to the properties of integration, a grounded collector
PNP transistor appears in parallel with the clamping diode connected to VCC. A part of the current flows through this transistor, VCE
being greater than VCC. If T is the total discharge duration, energy dissipated in the circuit is :
For a certain injected current, the lower the current I2, that is to say the lower the PNP current gain the smaller the energy is dissipated in the cir-
cuit. Topology and technological processes have been chosen to shorten this current gain.
W= ⌠⌡
T
[i1 ⋅ vd + i2 (VCC + vd) ] dt
O
ESM1600B
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com