Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 100PC
Description  1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

100PC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  100PC Datasheet HTML 1Page - Bourns Electronic Solutions 100PC Datasheet HTML 2Page - Bourns Electronic Solutions 100PC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistances to 1 MΩ
n
Resistance tolerances to ±0.005 %
n
Non-inductive Multi-Pi cores
n
TCR to ±2 PPM/°C
n
100 % acceptance tested / traceable to NIST
n
Long term stability / 100 ppm/year
n
Matched resistance sets to ±0.001 % and
±0.5 ppm/°C
n
Flame & moisture resistant protective
encapsulation
n
RoHS compliant*
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc.,
including its logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
1
Other resistance values may be available; please contact Bourns.
2
Where more than one lead diameter is listed, the bold value is standard.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov
Specifications
Bourns Model
Number
Commercial
Power
(W)
Resistance
Range
(Ω)1
Dimensions
Max. Working
Voltage
Diameter
“D”
Length
“L”
Lead
Diameter2
“d”
Lead
Spacing
“A”
110PC
0.05
1 - 20 k
3.3 ± 0.13
(.130 ± .005)
5.1 ± 0.64
(.200 ± .025)
0.4 ± 0.05
(.016 ± .002)
1.915 ± 0.4
(.075 ± .015)
150
100PC
0.125
1 - 400 k
6.4 ± 0.13
(.250 ± .005)
9.5 ± 0.64
(.375 ± .025)
0.6 ± 0.05
(.025 ± .002)
3.8 ± 0.4
(.150 ± .015)
150
130PC
0.125
1 - 400 k
6.4 ± 0.13
(.250 ± .005)
7.9 ± 0.64
(.312 ± .025)
0.6 ± 0.05
(.025 ± .002)
3.8 ± 0.4
(.150 ± .015)
150
131PC
0.125
1 - 400 k
6.4 ± 0.13
(.250 ± .005)
7.9 ± 0.64
(.312 ± .025)
0.6 ± 0.05
(.025 ± .002)
5.1 ± 0.4
(.200 ± .015)
150
101PC
0.25
1 - 750 k
6.4 ± 0.13
(.250 ± .005)
12.7 ± 0.64
(.500 ± .025)
0.6 ± 0.05
(.025 ± .002)
3.8 ± 0.4
(.150 ± .015)
5.1 ± 0.4
(.200 ± .015)
150
120PC
0.40
1 - 1 M
9.5 ± 0.13
(.375 ± .005)
12.7 ± 0.64
(.500 ± .025)
0.8 ± 0.05
(.032 ± .002)
5.1 ± 0.4
(.200 ± .015)
300
104PC
0.50
1 - 1 M
12.7 ± 0.13
(.500 ± .005)
12.7 ± 0.64
(.500 ± .025)
0.8 ± 0.05
(.032 ± .002)
0.6 ± 0.05
(.025 ± .002)
7.6 ± 0.4
(.300 ± .015)
400
d (DIA.)
d (DIA.)
A
d (DIA.)
D (DIA.)
L
A
L
D
DIA.
W
H
L
d (DIA.)
D (DIA.)
L
LEAD LENGTH: 31.75 ± 6.35
(1.250 ± .250)
Specification
Value
Tolerances
±0.005 % to ±1 % (See Derating Curve)
Standard Temperature Coefficients1
from 1 Ω to 5 Ω : ±50 PPM/°C
greater than 5 Ω to 10 Ω : ±30 PPM/°C
greater than 10 Ω to 100 Ω : ±20 PPM/°C
greater than 100 Ω : ±10 PPM/°C
Temperature Range
-55 °C to +145 °C (See Derating Curve)
Termination Finish
100 % Matte Tin over Copper
1
Contact Bourns for other options. TCR down to 2 PPM/°C may be available on request.


Similar Part No. - 100PC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
100PC RIEDON-100PC Datasheet
359Kb / 2P
Precision Wirewound Resistors
100PC RIEDON-100PC Datasheet
318Kb / 2P
Precision Wirewound Resistors
100PC RIEDON-100PC Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results

Similar Description - 100PC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
RCD COMPONENTS INC.
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
ULTRA PRECISION WIREWOUND RESISTORS
logo
Token Electronics Indus...
BWW1W100RBCP TOKEN-BWW1W100RBCP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
logo
Vishay Siliconix
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM15-250RB RIEDON-SM15-250RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-500RX RIEDON-SM10-500RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com