Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-LSMF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # MF-LSMF
Description  MF-LSMF Series – PTC Resettable Fuses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LSMF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  MF-LSMF Datasheet HTML 1Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 2Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 3Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 4Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 5Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 6Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 7Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 8Page - Bourns Electronic Solutions MF-LSMF Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
MF-LSMF Series - PTC Resettable Fuses
Typical Time to Trip at 23 °C
100
10
1
0.1
0.01
0.001
10
0.1
1
100
Fault Current (Amps)
1
3
4
MF-LSMF030X
MF-LSMF050X
MF-LSMF075/60X
MF-LSMF110/60X
1
2
3
4
2
Product Dimensions (continued)
Model
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
MF-LSMF260/16X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
0.30
(0.012)
2.50
(0.098)
0.25
(.010)
2.00
(.079)
MF-LSMF300X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.35
(0.014)
0.85
(0.033)
MF-LSMF300/16X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF300/24X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF330X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.35
(0.014)
0.85
(0.033)
MF-LSMF330/12X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF330/16X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF330/24X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF400/16X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF500/16X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
MF-LSMF600/12X
6.73
(0.265)
7.98
(0.314)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com