Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # MF-R
Description  MF-R Series - PTC Resettable Fuses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button MF-R Datasheet HTML 2Page - Bourns Electronic Solutions MF-R Datasheet HTML 3Page - Bourns Electronic Solutions MF-R Datasheet HTML 4Page - Bourns Electronic Solutions MF-R Datasheet HTML 5Page - Bourns Electronic Solutions MF-R Datasheet HTML 6Page - Bourns Electronic Solutions MF-R Datasheet HTML 7Page - Bourns Electronic Solutions MF-R Datasheet HTML 8Page - Bourns Electronic Solutions MF-R Datasheet HTML 9Page - Bourns Electronic Solutions MF-R Datasheet HTML 10Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MF-R Series - PTC Resettable Fuses
How to Order
MF - R 110 - 0 - 14
Multifuse®
Product Designator
Series
R = Radial Leaded Component
Hold Current, Ihold
005-1100 (0.05 Amps - 11.0 Amps)
Packaging Options
- __ = Bulk Packaging without part number
suffix option
- 0 = Bulk Packaging with part number
suffix option
- 2 = Tape and Reel*
- AP = Ammo-Pak*
Part Number Suffix Option
- 14 = Kinked leads where straight leads
are standard
- 17 = Straight leads where kinked leads
are standard
- 99 = RoHS Compliancy
As of date code April 1, 2005 all MF-R
models are RoHS compliant. The
suffix “-99” was originally provided to
help customers distinguish between
RoHS compliant and non-RoHS
compliant products, but the -99 suffix
option is no longer necessary. The
-99 suffix option will no longer be
available starting January 1, 2020.
See Note for more details.
*Packaged per EIA-468
Typical Part Marking: MF-R005 - R025
Represents total content. Layout may vary.
025
7A S
PART
IDENTIFICATION
MANUFACTURER'S
TRADEMARK
DATE CODE:
WEEK 1 OF 2017 = 7A (YEAR & WEEK)
WEEK 27 OF 2017 = A7 (WEEK & YEAR)
MANUFACTURING
LOCATION:
S = CHINA
Typical Part Marking: MF-R030 - R1100
Represents total content. Layout may vary.
R250
7180 S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE:
FIRST DIGIT = LAST DIGIT OF YEAR;
NEXT THREE DIGITS = DAY OF YEAR
MANUFACTURING
LOCATION:
S = CHINA
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Quantity
Packaging Options
Models
Unit Quantity
(Pcs.)
Unit
Bulk
All models
500
Bag
Tape & Reel
MF-R005 ~ MF-R160
3000
Reel
MF-R185 ~ MF-R400
1500
MF-R500 ~ MF-R1100
1000
Ammo-Pack
MF-R005 ~ MF-R160
2000
Pack
MF-R185 ~ MF-R400
1000
MF-R500 ~ MF-R1100
500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com