Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R005 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-R005
Description  MF-R Series - PTC Resettable Fuses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R005 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-R005 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 6Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 7Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 8Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MF-R Series - PTC Resettable Fuses
R110
7180T
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl)
content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Characteristic
Model
Vmax. Imax.
Ihold Itrip
Initial
Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time To Trip
Tripped
Power
Dissipation
Agency Recognition
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
at 23 °C
Watts
at 23 °C
cUL
TÜV
Volts Amps
Amps
RMin. R1Max.
Max.
Amps Seconds
Typ.
E174545 R50366745
MF-R005
60
40
0.05 0.10
7.3
11.1
22.0
0.5
5.0
0.22
3
3
MF-R010
60
40
0.10 0.20 2.50
4.50
7.50
0.5
4.0
0.38
3
3
MF-R017
60
40
0.17 0.34 2.00
3.20
8.00
0.85
3.0
0.48
3
3
MF-R020
60
40
0.20 0.40 1.50
2.84
4.40
1.0
2.2
0.40
3
3
MF-R025
60
40
0.25 0.50 1.00
1.95
3.00
1.25
2.5
0.45
3
3
MF-R030
60
40
0.30 0.60 0.76
1.36
2.10
1.5
3.0
0.50
3
3
MF-R040
60
40
0.40 0.80 0.52
0.86
1.29
2.0
3.8
0.55
3
3
MF-R050
60
40
0.50 1.00 0.41
0.77
1.17
2.5
4.0
0.75
3
3
MF-R065
60
40
0.65 1.30 0.27
0.48
0.72
3.25
5.3
0.90
3
3
MF-R075
60
40
0.75 1.50 0.18
0.40
0.60
3.75
6.3
0.90
3
3
MF-R090
60
40
0.90 1.80 0.14
0.31
0.47
4.5
7.2
1.00
3
3
MF-R090-0-9
30
40
0.90 1.80 0.07
0.12
0.22
4.5
5.9
0.60
3
3
MF-R110
30
40
1.10 2.20 0.10
0.18
0.27
5.5
6.6
0.70
3
3
MF-R135
30
40
1.35 2.70 0.065 0.115
0.17
6.75
7.3
0.80
3
3
MF-R160
30
40
1.60 3.20 0.055 0.105
0.15
8.0
8.0
0.90
3
3
MF-R185
30
40
1.85 3.70 0.040 0.07
0.11
9.25
8.7
1.00
3
3
MF-R250
30
40
2.50 5.00 0.025 0.048
0.07
12.5
10.3
1.20
3
3
MF-R250-0-10
30
40
2.50 5.00 0.025 0.048
0.07
12.5
10.3
1.20
3
3
MF-R300
30
40
3.00 6.00 0.020 0.05
0.08
15.0
10.8
2.00
3
3
MF-R400
30
40
4.00 8.00 0.010 0.03
0.05
20.0
12.7
2.50
3
3
MF-R500
30
40
5.00 10.00 0.010 0.03
0.05
25.0
14.5
3.00
3
3
MF-R600
30
40
6.00 12.00 0.005 0.02
0.04
30.0
16.0
3.50
3
3
MF-R700
30
40
7.00 14.00 0.005 0.02
0.03
35.0
17.5
3.80
3
3
MF-R800
30
40
8.00 16.00 0.005 0.02
0.03
40.0
18.8
4.00
3
3
MF-R900
30
40
9.00 18.00 0.005 0.01
0.02
40.0
20.0
4.20
3
3
MF-R1100
16
100 11.00 22.00 0.003 0.01
0.014
40.0
20.0
4.50
3
3
Features
n
Radial Leaded Devices
n
Cured, flame retardant epoxy polymer
insulating material meets UL 94V-0
requirements
n
RoHS compliant* and halogen free**
n
Agency recognition:
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT


Similar Part No. - MF-R005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R005 BOURNS-MF-R005 Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
More results

Similar Description - MF-R005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-R05590 BOURNS-MF-R05590 Datasheet
187Kb / 4P
MF-R/90 Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com