Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEC11S Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PEC11S
Description  PEC11S Series - 12 mm SMD Incremental Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11S Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PEC11S Datasheet HTML 1Page - Bourns Electronic Solutions PEC11S Datasheet HTML 2Page - Bourns Electronic Solutions PEC11S Datasheet HTML 3Page - Bourns Electronic Solutions PEC11S Datasheet HTML 4Page - Bourns Electronic Solutions PEC11S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
PEC11S Series - 12 mm SMD Incremental Encoder
How To Order
PEC11S - 9 2 20 F - S 0015
Model
Terminal Configuration
9 = Surface Mount Gull-wing Style
Detent Option
2 = 30 Detents
Shaft Length (See Product Dimensions - Shaft Styles for Availability)
9 = 9.5 mm
13 = 13.5 mm
15 = 15.0 mm
20 = 20.0 mm
` 25 = 25.0 mm (Flat Shaft and H-Switch Configuration Only)
Shaft Style
F = Flatted, Metal
K = Knurled, Metal
Switch Configuration (SPST)
S = 350 ± 100 gf
H = 400 ± 200 gf
N = No Switch
Resolution
0015 = 15 Pulses per 360 ° Rotation
Quadrature Output Table
Switch Circuit
15.0
(.591)
8.1
(.319)
11.7
(.461)
2.05 +0.1/-0
(.081 +.004/-0)
DIA.
HOLES
2.2 x 1.55 +0.1/-0
(.087 x .061 +.004/-0)
DIA.
HOLES
DE
AC
B
2.0 +0.03/-0.05
(.079 +.001/-.002)
DIA.
1.5 +0.03/-0.05
(.059 +.001/-.002)
DIA.
1.3 ± 0.1
(.051 ± .004)
5 PLCS.
2 PLCS.
1.2
(.047)
(ENCODER)
(SWITCH
OR
DUMMY
TERMINALS)
5 PLCS.
1.0
(.039)
3.0
(.118)
8.2 ± 0.1
(.323 ± .004)
8.5 ± 0.1
(.335 ± .004)
12.6 + 0.1
(.496 ± .004)
19.0 + 0.1
(.748 ± .004)
14.2
(.559)
18.0
(.709)
2.4 ± .01
(.094 ± .004)
4.5 ± 0.1
(.177 ± .004)
4.0 ± 0.1
(.157 ± .004)
6.3 ± 0.1
(.248 ± .004)
7.5 ± 0.1
(.295 ± .004)
12.5 ± 0.1
(.492 ± .004)
5.0 ± 0.1
(.197 ± .004)
9.0 ± 0.1
(.354 ± .004)
16.5 ± 0.1
(.650 ± .004)
≤ 10
≤ (.394)
TOLERANCES (UNLESS OTHERWISE NOTED):
DE
CIRCUIT DIAGRAM
NOTE: D and E are dummy terminals
on non-switch version.
(BOTTOM VIEW)
RECOMMENDED PCB LAYOUT
(SIDE VIEW)
(TOP VIEW)
Common Dimensions
= ±0.3
±(.012)
> 10
>(.394)
= ±0.5
±(.020)
5.0
(.197)
1.0
(.039)
5.0
(1.97)
4.5
(.177)
(TOP VIEW)
15.0
(.591)
8.1
(.319)
11.7
(.461)
DE
AC
B
3.0
(.118)
14.2
(.559)
18.0
(.709)
A Signal
CW
D
ON
OFF
B Signal
CCW
Packaging
270
(10.630
200
(7.874)
20.5
(0.807)
Tray ................................................................................................................. 60 pcs. per tray
Outer Box ......................................................................................10 trays; 1200 pcs. per box
DIMENSIONS:
MM
(INCHES)
REV. 07/25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com