Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT750 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-RHT750
Description  MF-RHT Series - High Temperature PTC Resettable Fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT750 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-RHT750 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 7Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 8Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MF-RHT Series - High Temperature PTC Resettable Fuses
RH750
7180S
Features
n
Compliant with AEC-Q200 Rev-D- Stress
Test Qualification for Passive Components
in Automotive Applications
n
Operating temperature range up to 125 °C
n
Low thermal derating factor
n
Higher hold currents at elevated
temperature
n
Choice of operating currents
n
RoHS compliant* and halogen free**
n
Resettable fault protection of general
electronic equipment
n
Agency recognition:
Electrical Characteristics
Model
Vmax Imax
Ihold Itrip
Initial
Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time
to Trip
Tripped
Power
Dissipation
Agency
Recognition
at 23 °C
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
at 23 °C
Watts
cUL
TÜV
Volts Amps
Amps
Min.
Max.
Amps Seconds
Typ.
E174545 R50494578
MF-RHT050
30
40
0.5
0.92
0.48
1.10
2.5
2.5
0.9
3
3
MF-RHT070
30
40
0.7
1.4
0.30
0.80
3.5
4.0
1.4
3
3
MF-RHT100
30
40
1.0
1.8
0.18
0.43
5.2
5.0
1.4
3
3
MF-RHT200
16
100
2.0
3.8
0.045
0.110
12.5
3.0
1.4
3
3
MF-RHT200/32
32
50
2.0
3.8
0.045
0.110
12.5
3.0
1.4
3
3
MF-RHT300
16
100
3.0
6.0
0.033
0.079
15.0
5.0
3.0
3
3
MF-RHT400
16
100
4.0
7.5
0.024
0.060
20.0
5.0
3.3
3
3
MF-RHT450
16
100
4.5
7.8
0.022
0.054
22.5
3.0
3.6
3
3
MF-RHT500
16
100
5.0
9.0
0.0175
0.045
25.0
9.0
3.6
3
3
MF-RHT550
16
100
5.5
10.0
0.0150
0.037
27.5
6.0
3.5
3
3
MF-RHT600
16
100
6.0
10.8
0.0130
0.032
30.0
5.0
4.1
3
3
MF-RHT650
16
100
6.5
12.0
0.0110
0.026
32.5
5.5
4.3
3
3
MF-RHT700
16
100
7.0
13.0
0.0100
0.025
35.0
7.0
4.0
3
3
MF-RHT750
16
100
7.5
13.1
0.0094
0.022
37.5
7.0
4.5
3
3
MF-RHT800
16
100
8.0
15.0
0.0080
0.020
40.0
8.0
4.2
3
3
MF-RHT900
16
100
9.0
16.5
0.0074
0.017
45.0
10.0
5.0
3
3
MF-RHT1000
16
100
10.0
18.5
0.0062
0.015
50.0
9.0
5.3
3
3
MF-RHT1100
16
100
11.0
20.0
0.0055
0.013
55.0
11.0
5.5
3
3
MF-RHT1300
16
100
13.0
24.0
0.0041
0.010
60.0
13.0
6.9
3
3
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +125 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+85 °C, 1000 hours
±5 % typical resistance
change
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
±5 % typical resistance
change
Thermal Shock
-40 °C to +85 °C, 10 times
±10 % typical resistance
change
Solvent Resistance
MIL-STD-202, Method 215
No change
(marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less; (b)
the Chlorine (Cl) content is 900 ppm or less; and (c)
the total Bromine (Br) and Chlorine (Cl) content is
1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications. The products described herein and
this document are subject to specific legal disclaimers as
set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - MF-RHT750

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-RHT750 BOURNS-MF-RHT750 Datasheet
330Kb / 4P
PTC Resettable Fuses
MF-RHT750 BOURNS-MF-RHT750 Datasheet
292Kb / 4P
PTC Resettable Fuses
MF-RHT750 BOURNS-MF-RHT750 Datasheet
338Kb / 4P
PTC Resettable Fuses
MF-RHT750 BOURNS-MF-RHT750 Datasheet
841Kb / 7P
High Temperature PTC Resettable Fuses
MF-RHT750-2 BOURNS-MF-RHT750-2 Datasheet
330Kb / 4P
PTC Resettable Fuses
More results

Similar Description - MF-RHT750

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com