Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T11 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T11
Description  Serial real-time clock (RTC) with 56 bytes of NVRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T11 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T11 Datasheet HTML 16Page - STMicroelectronics M41T11 Datasheet HTML 17Page - STMicroelectronics M41T11 Datasheet HTML 18Page - STMicroelectronics M41T11 Datasheet HTML 19Page - STMicroelectronics M41T11 Datasheet HTML 20Page - STMicroelectronics M41T11 Datasheet HTML 21Page - STMicroelectronics M41T11 Datasheet HTML 22Page - STMicroelectronics M41T11 Datasheet HTML 23Page - STMicroelectronics M41T11 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
DC and AC parameters
M41T11
20/30
DocID6103 Rev 12
Table 6. Capacitance
Symbol
Parameter(1)(2)
1. Effective capacitance measured with power supply at 5 V; sampled only, not 100% tested.
2. At 25°C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance (SCL)
7
pF
COUT
(3)
3. Outputs deselected.
Output capacitance (SDA, FT/OUT)
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
250
1000
ns
Table 7. DC characteristics
Symbol
Parameter
Test Condition(1)
1. Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5 V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤ V
IN ≤ VCC
±1
µA
ILO
Output leakage current
0V
≤ V
OUT ≤ VCC
±1
µA
ICC1
Supply current
Switch frequency = 100 kHz
300
µA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3 V
70
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.5
V
VOL
Output low voltage
IOL = 3 mA
0.4
V
Pull-up supply voltage
(open drain)
FT/OUT
5.5
V
VBAT
(2)
2. STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Battery supply voltage
2.5(3)
3. After switchover (VSO), VBAT(min) can be 2.0 V for crystal with RS = 40 KΩ.
3
3.5(4)
4. For rechargeable back-up, VBAT(max) may be considered VCC.
V
IBAT
Battery supply current
TA = 25°C, VCC = 0 V,
oscillator ON, VBAT = 3 V
0.8
1
µA
Table 8. Crystal electrical characteristics
Symbol
Parameter(1)(2)(3)
1. These values are externally supplied if using the SO8 package. STMicroelectronics recommends the KDS
DT-38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz
crystal for industrial temperature operations. Please refer to the KDS website for further information on this
crystal type.
2. Load capacitors are integrated within the M41T11. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
3. All SNAPHAT® battery:crystal tops meet these specifications.
Min
Typ
Max
Unit
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60(4)
4.
ESR (max) = 110 k
Ω for VCC or VBAT > 2.5 V.
k
Ω
CL
Load capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com