Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T81
Description  Serial access real-time clock with alarm
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T81 Datasheet HTML 15Page - STMicroelectronics M41T81 Datasheet HTML 16Page - STMicroelectronics M41T81 Datasheet HTML 17Page - STMicroelectronics M41T81 Datasheet HTML 18Page - STMicroelectronics M41T81 Datasheet HTML 19Page - STMicroelectronics M41T81 Datasheet HTML 20Page - STMicroelectronics M41T81 Datasheet HTML 21Page - STMicroelectronics M41T81 Datasheet HTML 22Page - STMicroelectronics M41T81 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID007529 Rev 11
19/29
M41T81
Clock operation
29
3.8
Output driver pin
When the FT bit, AFE bit, SQWE bit, and watchdog register are not set, the
IRQ/FT/OUT/SQW pin becomes an output driver that reflects the contents of D7 of the
control register. In other words, when D7 (OUT bit) and D6 (FT bit) of address location 08h
are a '0,' then the IRQ/FT/OUT/SQW pin will be driven low.
Note:
The IRQ/FT/OUT/SQW pin is an open drain which requires an external pull-up resistor.
3.9
Preferred initial power-on default
Upon initial application of power to the device, the following register bits are set to a '0' state:
watchdog register; AFE; ABE; SQWE; and FT. The following bits are set to a '1' state: ST;
OUT; and HT (see Table 5).
Table 5. Preferred default values
Condition
ST
HT
OUT
FT
AFE
SQWE ABE
Watchdog
register(1)
1. BMB0-BMB4, RB0, RB1.
Initial power-up(2)
2. State of other control bits undefined.
11100
0
0
0
Subsequent power-up (with
battery backup)(3)
3. UC = unchanged
UC
1
UC
0
UC
UC
UC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com