Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L40C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10L40C
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L40C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10L40C_V01 Datasheet HTML 1Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 2Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 3Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 4Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 5Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 6Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 7Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 8Page - STMicroelectronics STPS10L40C_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2016
DocID9433 Rev 7
1/12
This is information on a product in full production.
www.st.com
STPS10L40C
Low drop power Schottky rectifier
Datasheet - production data
Features
Low forward voltage drop meaning very
small conduction losses
Low dynamic losses as a result of the
schottky barrier
Avalanche capability specified
ECOPACK®2 compliant component for
D²PAK on demand
Description
Dual center tap Schottky rectifier suited for switch
mode power supply and high frequency DC to
DC converters.
Packaged either in TO-220AB and D2PAK, this
device is especially intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 5 A
VRRM
40 V
Tj (max.)
150 °C
VF (typ.)
0.36 V
K
K
A1
A1
A2
A2
D2PAK
A1
K
A2
A1
K
A2
TO-220AB
K


Similar Part No. - STPS10L40C_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L40CF STMICROELECTRONICS-STPS10L40CF Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS10L40CG STMICROELECTRONICS-STPS10L40CG Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS10L40CSF STMICROELECTRONICS-STPS10L40CSF Datasheet
310Kb / 9P
40 V, 2 x 5 A low forward voltage power Schottky rectifier
20-May-2021
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
More results

Similar Description - STPS10L40C_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com