Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L40CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS10L40CT
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L40CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS10L40CT Datasheet HTML 1Page - STMicroelectronics STPS10L40CT Datasheet HTML 2Page - STMicroelectronics STPS10L40CT Datasheet HTML 3Page - STMicroelectronics STPS10L40CT Datasheet HTML 4Page - STMicroelectronics STPS10L40CT Datasheet HTML 5Page - STMicroelectronics STPS10L40CT Datasheet HTML 6Page - STMicroelectronics STPS10L40CT Datasheet HTML 7Page - STMicroelectronics STPS10L40CT Datasheet HTML 8Page - STMicroelectronics STPS10L40CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STPS10L40C
Characteristics
DocID9433 Rev 7
3/12
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values, per diode)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
= tp/T
tp
= 0.05
= 0.5
=1
= 0.2
= 0.1
PF(AV)(W)
IF(AV)(A)
δ
δ
δ
δ
δ
δ
0
25
50
75
100
125
150
0
1
2
3
4
5
6
T
= tp/T
tp
δ
Tamb(°C)
IF(AV)(A)
Rth(j-a) = Rth(j-c)
Rth(j-a) = 15 °C/W
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
T
= tp/T
tp
t (s )
p
= 0.5
= 0.2
= 0.1
Zth(j-c)/Rth(j-c)
single pulse
δ
δ
δ
δ
0
5
10
15
20
25
30
35
40
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
IR(mA)
VR(V)
Tj = 150 °C
Tj = 100 °C
Tj = 25 °C
10
100
1000
C(pF)
VR(V)
F = 1 MHz
V
OSC
= 30 mV
RMS
T
j
= 25 °C
1
2
5
10
20
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com