Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L40C Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS10L40C
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L40C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS10L40C Datasheet HTML 4Page - STMicroelectronics STPS10L40C Datasheet HTML 5Page - STMicroelectronics STPS10L40C Datasheet HTML 6Page - STMicroelectronics STPS10L40C Datasheet HTML 7Page - STMicroelectronics STPS10L40C Datasheet HTML 8Page - STMicroelectronics STPS10L40C Datasheet HTML 9Page - STMicroelectronics STPS10L40C Datasheet HTML 10Page - STMicroelectronics STPS10L40C Datasheet HTML 11Page - STMicroelectronics STPS10L40C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STPS10L40C
Ordering information
DocID9433 Rev 7
11/12
3
Ordering information
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS10L40CT
STPS10L40CT
TO-220AB
1.95 g
50
Tube
STPS10L40CG-TR
STPS10L40CG
D2PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 8: Document revision history
Date
Revision
Changes
Jul-2003
5B
Last release.
23-Mar-2007
6
Removed ISOWATT packages.
08-Apr-2016
7
Removed DPAK package.
Updated features and packages silhouette in cover page.
Updated Section 1: "Characteristics" and Section 1.1:
"Characteristics (curves)".
Updated Section 2.1: "D²PAK package information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com