Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L60A
Description  60 V, 2 A low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60A Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L60A Datasheet HTML 1Page - STMicroelectronics STPS2L60A Datasheet HTML 2Page - STMicroelectronics STPS2L60A Datasheet HTML 3Page - STMicroelectronics STPS2L60A Datasheet HTML 4Page - STMicroelectronics STPS2L60A Datasheet HTML 5Page - STMicroelectronics STPS2L60A Datasheet HTML 6Page - STMicroelectronics STPS2L60A Datasheet HTML 7Page - STMicroelectronics STPS2L60A Datasheet HTML 8Page - STMicroelectronics STPS2L60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
Negligible switching losses
Low forward voltage drop for higher efficiency and extended battery life
Surface mount miniature package
Avalanche rated
ECOPACK2 compliant component
Applications
Lighting
Desktop power supply
Battery charger
Set top box
Auxiliary power
Description
This 60 V power Schottky rectifier is ideal for switch mode power supplies and high
frequency converters.
Packaged in SMA, SMA Flat Notch, axial and SMB Flat, the STPS2L60 is optimized
for use in low voltage, high frequency inverters and small battery chargers.
Product status
STPS2L60
Product summary
Symbol
Values
IF(AV)
2 A
VRRM
60 V
Tj (max.)
150 °C
VF(typ.)
0.51 V
60 V, 2 A low drop power Schottky rectifier
STPS2L60
Datasheet
DS2976 - Rev 8 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2L60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L60A STMICROELECTRONICS-STPS2L60A Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60A STMICROELECTRONICS-STPS2L60A Datasheet
73Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-2004
STPS2L60AY STMICROELECTRONICS-STPS2L60AY Datasheet
83Kb / 7P
Automotive power Schottky rectifier
02-Nov-2011
More results

Similar Description - STPS2L60A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125613 SENSITRON-SHD125613 Datasheet
84Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop (60 V, 35A)
logo
NXP Semiconductors
PMEG6020AELP PHILIPS-PMEG6020AELP_15 Datasheet
217Kb / 15P
60 V, 2 A low leakage current Schottky barrier rectifier
8 May 2015
PMEG6020AELR PHILIPS-PMEG6020AELR_15 Datasheet
213Kb / 15P
60 V, 2 A low leakage current Schottky barrier rectifier
19 June 2015
PMEG6020EPAS PHILIPS-PMEG6020EPAS_15 Datasheet
231Kb / 15P
60 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG6020ELR NEXPERIA-PMEG6020ELR Datasheet
251Kb / 14P
60 V, 2 A low leakage current Schottky barrier rectifier
PMEG6020AELR-Q NEXPERIA-PMEG6020AELR-Q Datasheet
264Kb / 14P
60 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG6020ELR-Q NEXPERIA-PMEG6020ELR-Q Datasheet
262Kb / 14P
60 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG6020EP-Q NEXPERIA-PMEG6020EP-Q Datasheet
255Kb / 12P
60 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG6020ER-Q NEXPERIA-PMEG6020ER-Q Datasheet
262Kb / 13P
60 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG6020EP NEXPERIA-PMEG6020EP Datasheet
254Kb / 12P
60 V, 2 A low VF Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com