Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L60U
Description  60 V, 3 A low drop Schottky rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L60U Datasheet HTML 1Page - STMicroelectronics STPS3L60U Datasheet HTML 2Page - STMicroelectronics STPS3L60U Datasheet HTML 3Page - STMicroelectronics STPS3L60U Datasheet HTML 4Page - STMicroelectronics STPS3L60U Datasheet HTML 5Page - STMicroelectronics STPS3L60U Datasheet HTML 6Page - STMicroelectronics STPS3L60U Datasheet HTML 7Page - STMicroelectronics STPS3L60U Datasheet HTML 8Page - STMicroelectronics STPS3L60U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
•
Negligible switching losses
•
Low forward voltage drop
•
Avalanche rated
•
ECOPACK2 component
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
LED lighting
Description
Axial and surface mount power Schottky rectifier suited for switch mode power
supplies and high frequency dc to dc converters.
Packaged in DO-201AD, DO-15, SMB, SMBflat and SMBflat Notch, this device is
intended for use in low voltage, high frequency inverters and small battery chargers
and for applications where there are space constraints, for example telecom battery
charger.
Product status
STPS3L60
Product summary
Symbol
Value
IF(AV)
3 A
VRRM
60 V
T j(max.)
150 °C
VF(typ.)
0.53 V
60 V, 3 A low drop Schottky rectifier
STPS3L60
Datasheet
DS2134 - Rev 7 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS3L60U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L60U STMICROELECTRONICS-STPS3L60U Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60U STMICROELECTRONICS-STPS3L60U Datasheet
149Kb / 11P
Power Schottky rectifier
12-Jun-2009
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
Automotive power Schottky rectifier
22-Mar-2013
STPS3L60UF STMICROELECTRONICS-STPS3L60UF Datasheet
149Kb / 11P
Power Schottky rectifier
12-Jun-2009
STPS3L60UY STMICROELECTRONICS-STPS3L60UY Datasheet
223Kb / 7P
Automotive power Schottky rectifier
22-Mar-2013
More results

Similar Description - STPS3L60U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6030ELP PHILIPS-PMEG6030ELP_15 Datasheet
218Kb / 15P
60 V, 3 A low leakage current Schottky barrier rectifier
7 May 2015
logo
Nexperia B.V. All right...
PMEG060V030EPD NEXPERIA-PMEG060V030EPD Datasheet
708Kb / 13P
60 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG6030ELP NEXPERIA-PMEG6030ELP Datasheet
259Kb / 14P
60 V, 3 A low leakage current Schottky barrier rectifier
PMEG6030ELP-Q NEXPERIA-PMEG6030ELP-Q Datasheet
259Kb / 13P
60 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
PMEG6030EP-Q NEXPERIA-PMEG6030EP-Q Datasheet
254Kb / 12P
60 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG060V030EPE-Q NEXPERIA-PMEG060V030EPE-Q Datasheet
255Kb / 11P
60 V, 3 A low VF Schottky barrier rectifier
19 July 2022
PMEG060V030EPE NEXPERIA-PMEG060V030EPE Datasheet
255Kb / 11P
60 V, 3 A low VF Schottky barrier rectifier
19 July 2022
PMEG6030EP NEXPERIA-PMEG6030EP Datasheet
252Kb / 12P
60 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com