Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5H100H Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS5H100H
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100H Datasheet(HTML) 3 Page - STMicroelectronics

  STPS5H100H Datasheet HTML 1Page - STMicroelectronics STPS5H100H Datasheet HTML 2Page - STMicroelectronics STPS5H100H Datasheet HTML 3Page - STMicroelectronics STPS5H100H Datasheet HTML 4Page - STMicroelectronics STPS5H100H Datasheet HTML 5Page - STMicroelectronics STPS5H100H Datasheet HTML 6Page - STMicroelectronics STPS5H100H Datasheet HTML 7Page - STMicroelectronics STPS5H100H Datasheet HTML 8Page - STMicroelectronics STPS5H100H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS5H100
Characteristics
DocID5388 Rev 13
3/10
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 0.5)
Figure 3: Normalized avalanche power
derating versus pulse duration (at Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
P
(W)
F(AV)
T
δ=tp/T
tp
I
(
A)
F( AV )
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
0
1
2
3
4
5
6
Tamb(°C)
Rth(j-a) = Rth(j-c)
Rth(j-a) = 80 °C/W
0
20
40
60
80
100
120
140
160
180
IF(AV)(A)
T
δ=tp/T
tp
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-c)/Rth(j-c)
δ = 0.5
T
δ =tp/T
tp
tp(s)
δ = 0.1
Single pulse
δ = 0.2
0
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
9 0
100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
5E+3
IR ( µA)
V ( V)
R
Tj = 25 °C
Tj = 125 °C
100
10
100
1000
1
10
C( pF)
V (V)
R
F = 1 MHz
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com