Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8L30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS8L30
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8L30 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS8L30 Datasheet HTML 1Page - STMicroelectronics STPS8L30 Datasheet HTML 2Page - STMicroelectronics STPS8L30 Datasheet HTML 3Page - STMicroelectronics STPS8L30 Datasheet HTML 4Page - STMicroelectronics STPS8L30 Datasheet HTML 5Page - STMicroelectronics STPS8L30 Datasheet HTML 6Page - STMicroelectronics STPS8L30 Datasheet HTML 7Page - STMicroelectronics STPS8L30 Datasheet HTML 8Page - STMicroelectronics STPS8L30 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2016
DocID5515 Rev 5
1/9
This is information on a product in full production.
www.st.com
STPS8L30
Low drop power Schottky rectifier
Datasheet - production data
Features
Low cost device with low drop forward
voltage for less power dissipation and
reduced heatsink
Optimized conduction/reverse losses
trade-off which leads to the highest yield in
the application
High power surface mount miniature
package
Avalanche capability specified
ECOPACK®2 compliant component for
DPAK on demand
Description
Single Schottky rectifier suited to switched mode
power supplies and high frequency DC to DC
converters.
Packaged in DPAK, this device is especially
intended for use as a rectifier at the secondary of
3.3 V SMPS or DC/DC units, freewheeling and
polarity protection applications.
Table 1: Device summary
Symbol
Value
IF(AV)
8 A
VRRM
30 V
Tj (max.)
150 °C
VF (typ.)
0.35 V
DPAK
K
A
K
K
A
NC
A
NC


Similar Part No. - STPS8L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8L30 STMICROELECTRONICS-STPS8L30 Datasheet
115Kb / 7P
Low drop power Schottky rectifier
01-Mar-2006
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
Automotive low drop power Schottky rectifier
11-Jul-2013
STPS8L30B STMICROELECTRONICS-STPS8L30B Datasheet
49Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Oct-1998
STPS8L30B STMICROELECTRONICS-STPS8L30B Datasheet
115Kb / 7P
Low drop power Schottky rectifier
01-Mar-2006
STPS8L30B-TR STMICROELECTRONICS-STPS8L30B-TR Datasheet
49Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Oct-1998
More results

Similar Description - STPS8L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com