Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC0603AS-RDI Datasheet(PDF) 3 Page - TT Electronics.

Part # PWC0603AS-RDI
Description  Pulse Withstanding Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWC0603AS-RDI Datasheet(HTML) 3 Page - TT Electronics.

  PWC0603AS-RDI Datasheet HTML 1Page - TT Electronics. PWC0603AS-RDI Datasheet HTML 2Page - TT Electronics. PWC0603AS-RDI Datasheet HTML 3Page - TT Electronics. PWC0603AS-RDI Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Single Impulse
The single impulse graph is the result of 50 impulses of rectangular shape applied at one minute intervals. The limit of acceptance was a shift in
resistance of less than 1% from the initial value.
Continuous Load Due to Repetitive Pulses
The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted so that the average
power dissipated in the resistor was equal to its rated power at 70°C. Again the limit of acceptance was a shift in resistance of less than 1% from the
initial value
Pulse Withstanding
Chip Resistors
PWC Series
2512
2010
1206
0805
0603
2512
2010
1206
0805
0603
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com