Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX36S08IPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # MUX36S08IPWR
Description  MUX36xxx 36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX36S08IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button MUX36S08IPWR Datasheet HTML 26Page - Texas Instruments MUX36S08IPWR Datasheet HTML 27Page - Texas Instruments MUX36S08IPWR Datasheet HTML 28Page - Texas Instruments MUX36S08IPWR Datasheet HTML 29Page - Texas Instruments MUX36S08IPWR Datasheet HTML 30Page - Texas Instruments MUX36S08IPWR Datasheet HTML 31Page - Texas Instruments MUX36S08IPWR Datasheet HTML 32Page - Texas Instruments MUX36S08IPWR Datasheet HTML 33Page - Texas Instruments MUX36S08IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
DB
AO
EN
VSS
S 1A
S 2A
S 3A
DA
A1
GND
VDD
S 1B
S 2B
S 3B
S 4B
S 4A
Via to
ground plane
Via to
ground plane
MUX36D04 IPW
C
C
Via to
ground plane
AO
EN
VSS
S1
S2
S3
D
A 1
A2
GND
V
DD
S5
S6
S7
S8
S4
Via to
ground plane
Via to
ground plane
MUX36S08 IPW
C
C
30
MUX36S08, MUX36D04
SBOS705D – JANUARY 2016 – REVISED FEBURARY 2019
www.ti.com
Product Folder Links: MUX36S08 MUX36D04
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
12 Layout
12.1 Layout Guidelines
Figure 46 illustrates an example of a PCB layout with the MUX36S08IPW, and Figure 47 illustrates an example
of a PCB layout with MUX36D04IPW.
Some key considerations are:
1. Decouple the VDD and VSS pins with a 0.1-µF capacitor, placed as close to the pin as possible. Make sure
that the capacitor voltage rating is sufficient for the VDD and VSS supplies.
2. Keep the input lines as short as possible. In case of the differential signal, make sure the A inputs and B
inputs are as symmetric as possible.
3. Use a solid ground plane to help distribute heat and reduce electromagnetic interference (EMI) noise pickup.
4. Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
12.2 Layout Example
Figure 46. MUX36S08IPW Layout Example
Figure 47. MUX36D04IPW Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com