Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX508IPWRG4 Datasheet(PDF) 29 Page - Texas Instruments

Part # MUX508IPWRG4
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508IPWRG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button MUX508IPWRG4 Datasheet HTML 25Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 26Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 27Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 28Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 29Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 30Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 31Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 32Page - Texas Instruments MUX508IPWRG4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
0
50
100
150
200
250
±20
±15
±10
±5
0
5
10
15
20
Source or Drain Voltage (V)
C001
V
DD = 15 V
V
SS = ±15 V
V
DD = 18 V
V
SS = ±18 V
V
DD = 16.5 V
V
SS = ±16.5 V
V
DD = 13.5 V
V
SS = ±13.5 V
29
MUX508, MUX509
www.ti.com
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Power-Supply Recommendations
The MUX50x operates across a wide supply range of ±5 V to ±18 V (10 V to 36 V in single-supply mode). The
MUX508 and MUX509 operate equally well with either dual supplies (±5 V to ±18 V), or a single supply (10 V to
36 V). They also perform well with unsymmetric supplies such as VDD = 12 V and VSS = –5 V. For reliable
operation, use a supply decoupling capacitor with a capacitance between 0.1 µF to 10 µF at both the VDD and
VSS pins to ground.
The on-resistance of the MUX50x varies with supply voltage, as shown in Figure 44.
Figure 44. On-Resistance Variation With Supply and Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com