Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM1602 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESM1602
Description  QUAD COMPARATOR INTERFACE CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM1602 Datasheet(HTML) 1 Page - STMicroelectronics

  ESM1602 Datasheet HTML 1Page - STMicroelectronics ESM1602 Datasheet HTML 2Page - STMicroelectronics ESM1602 Datasheet HTML 3Page - STMicroelectronics ESM1602 Datasheet HTML 4Page - STMicroelectronics ESM1602 Datasheet HTML 5Page - STMicroelectronics ESM1602 Datasheet HTML 6Page - STMicroelectronics ESM1602 Datasheet HTML 7Page - STMicroelectronics ESM1602 Datasheet HTML 8Page - STMicroelectronics ESM1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ESM1602B
January 1996
QUAD COMPARATOR INTERFACE CIRCUIT
.
MINIMUM HYSTERESIS VOLTAGE AT EACH
INPUT : 0.3V
.
OUTPUT CURRENT : 15 mA
.
LARGE SUPPLY VOLTAGE RANGE : + 10V to
+ 35V
.
INTERNAL THERMAL PROTECTION
.
INPUT AND OUTPUT CLAMPING PROTEC-
TION DIODES.
DESCRIPTION
The ESM1602Bis a quadruplecomparatorintented
to provide an interface between signal processing
and transmitting lines in very noisy industrial sur-
roundings.
Outputof each comparator,used as line driver, sup-
plies a constant current (PNP output stage) and is
specially well protected against powerful overvol-
tages. The open collector output circuit allows the
connectionof several comparators to a single trans-
mitting line.
The ESM1602B can operate as receiver on a line
transmitting noisy high-voltage signals. Hysteresis
effect, internally implemented on inputs of each
comparator provides an excellent noise immunity.
In addition, each input is also protected against
overvoltages.
The ESM1602B can operate in a wide supply vol-
tage range (standard operational amplifier
± 15 V
supply or single + 12 V or + 24 V supplies used in
industrial electronic sets).
Moreover, internal thermal protection circuitry cuts
out the output current of the four comparators when
power dissipation becomes excessive.
DIP1 4
SO16
DIP14
SO16
1 - Inverting input 1
2 - Non-inverting input 1
3 - Output 1
4 - Non-inverting input 2
5 - Inverting input 2
6 - Output 2
7 - GND
8 - Output 3
9 - Inverting input 3
10 - Non-inverting input 3
11 - Output 4
12 - Non-inverting input 4
13 - Inverting input 4
14 - VCC
1 - Inverting input 1
2 -Non-inverting input 1
3 - Output 1
4 - Non-inverting input 2
5 - Inverting input 2
6 - Output 2
7 - GND
8 - N.C.
9 - N.C.
10 - Output 3
11 - Inverting input 3
12 - Non-inverting input 3
13 - Output 4
14 - Non-inverting input 4
15 - Inverting input 4
16 - VCC
ORDER ING NUMBERS: ESM1602B (DIP14)
ESM1602BFP (SO16)
PIN CONNECTIONS (to p view)
1/11


Similar Part No. - ESM1602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM1600 STMICROELECTRONICS-ESM1600 Datasheet
98Kb / 10P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1997
ESM1600B STMICROELECTRONICS-ESM1600B Datasheet
98Kb / 10P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1997
ESM1600BFP STMICROELECTRONICS-ESM1600BFP Datasheet
98Kb / 10P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1997
More results

Similar Description - ESM1602

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
QUAD COMPARATOR
logo
STMicroelectronics
ESM1600B STMICROELECTRONICS-ESM1600B Datasheet
98Kb / 10P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1997
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
Quad comparator
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
Quad Comparator
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
Quad Comparator
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
QUAD COMPARATOR
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
QUAD COMPARATOR
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
Quad Comparator
1/17/12 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com