Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX171 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX171
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX171 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX171 Datasheet HTML 20Page - Texas Instruments OPAX171 Datasheet HTML 21Page - Texas Instruments OPAX171 Datasheet HTML 22Page - Texas Instruments OPAX171 Datasheet HTML 23Page - Texas Instruments OPAX171 Datasheet HTML 24Page - Texas Instruments OPAX171 Datasheet HTML 25Page - Texas Instruments OPAX171 Datasheet HTML 26Page - Texas Instruments OPAX171 Datasheet HTML 27Page - Texas Instruments OPAX171 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
OPA172, OPA2172, OPA4172
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies +VS or –VS are at 0 V. Again, this question depends on the supply characteristic while at 0 V,
or at a level below the input-signal amplitude. If the supplies appear as high impedance, then the input source
supplies the operational amplifier current through the current-steering diodes. This state is not a normal bias
condition; most likely, the amplifier will not operate normally. If the supplies are low impedance, then the current
through the steering diodes can become quite high. The current level depends on the ability of the input source
to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external zener diodes to the
supply terminals; see Figure 46. Select the zener voltage so that the diode does not turn on during normal
operation. However, the zener voltage must be low enough so that the zener diode conducts if the supply
terminal begins to rise above the safe-operating, supply-voltage level.
The OPAx172 input terminals are protected from excessive differential voltage with back-to-back diodes; see
Figure 46. In most circuit applications, the input protection circuitry has no effect. However, in low-gain or G = 1
circuits, fast-ramping input signals can forward-bias these diodes because the output of the amplifier cannot
respond rapidly enough to the input ramp. If the input signal is fast enough to create this forward-bias condition,
limit the input signal current to 10 mA or less. If the input signal current is not inherently limited, an input series
resistor can be used to limit the input signal current. This input series resistor degrades the low-noise
performance of the OPAx172. Figure 46 illustrates an example configuration that implements a current-limiting
feedback resistor.
8.4.3 Overload Recovery
Overload recovery is defined as the time it takes for the op amp output to recover from the saturated state to the
linear state. The output devices of the op amp enter the saturation region when the output voltage exceeds the
rated operating voltage, either due to the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices need time to return back to the normal state. After the
charge carriers return back to the equilibrium state, the device begins to slew at the normal slew rate. Thus, the
propagation delay in case of an overload condition is the sum of the overload recovery time and the slew time.
The overload recovery time for the OPAx172 is approximately 200 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com