Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA196IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA196IDBVT
Description  OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA196IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA196IDBVT Datasheet HTML 9Page - Texas Instruments OPA196IDBVT Datasheet HTML 10Page - Texas Instruments OPA196IDBVT Datasheet HTML 11Page - Texas Instruments OPA196IDBVT Datasheet HTML 12Page - Texas Instruments OPA196IDBVT Datasheet HTML 13Page - Texas Instruments OPA196IDBVT Datasheet HTML 14Page - Texas Instruments OPA196IDBVT Datasheet HTML 15Page - Texas Instruments OPA196IDBVT Datasheet HTML 16Page - Texas Instruments OPA196IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
G = -1, 2k-
Load
G = -1, 10k-
Load
G = +1, 2k-
Load
G = +1, 10k-
Load
C004
Output Amplitude (VRMS)
0.01
0.1
1
10
20
20
0.0005
0.001
0.01
0.1
0.5
G = 1 V/V, RL = 2 k:
G = 1 V/V, RL = 10 k:
G = 1 V/V, RL = 2 k:
G = 1 V/V, RL = 10 k:
Time (1 s/div)
10
100
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C002
-10
-8
-6
-4
-2
0
2
4
6
8
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±18 V, (V±) ” 9CM ” 9
± 3 V
V
S = ±2.25 V, (V±) ” 9CM ” 9
± 3 V
-5
-4
-3
-2
-1
0
1
2
3
4
5
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
13
OPA196, OPA2196, OPA4196
www.ti.com
SBOS869 – JULY 2017
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 9. CMRR vs Temperature
Figure 10. PSRR vs Temperature
Figure 11. 0.1-Hz to 10-Hz Noise
Figure 12. Input Voltage Noise Spectral Density
vs Frequency
Figure 13. THD+N vs Frequency
Figure 14. THD+N vs Output Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com