Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA320 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA320
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments OPA320 Datasheet HTML 21Page - Texas Instruments OPA320 Datasheet HTML 22Page - Texas Instruments OPA320 Datasheet HTML 23Page - Texas Instruments OPA320 Datasheet HTML 24Page - Texas Instruments OPA320 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
21
OPA320, OPA2320, OPA320S, OPA2320S
www.ti.com
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
NOTE
The exposed leadframe die pad on the bottom of the SON package should be connected
to the most negative potential (V–).
7.4 Device Functional Modes
The OPA320 family of operational amplifiers are operational when power-supply voltages between 1.8 V to 5.5 V
are applied. Devices with an S suffix have a shutdown capability. For a detailed description of the shutdown
function, see Shutdown Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com