Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELA3012S-R47M Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMELA3012S-R47M
Description  SMD Molded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELA3012S-R47M Datasheet(HTML) 2 Page - Abracon Corporation

  AMELA3012S-R47M Datasheet HTML 1Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 2Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 3Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 4Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 5Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 6Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 7Page - Abracon Corporation AMELA3012S-R47M Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
SMD Molded Power Inductors
AMELA3012S Series
3.3 x 3.1 x 1 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2025
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
AMELA3012S
-
AMELA3012S-R30M
AMELA3012S-R47M
Inductance
Code
See Electrical
Specification table
Tolerance
Code
M =±20%
Packaging
T: Tape and Reel (See
Packaging)
Blank: Bulk
Part Identification
Performance Graphs
2R2 M
T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com